Part Number Hot Search : 
3S132 ASM161 LM1101N5 10N65KL FSUSB 650NUX HFM101 MA300RW
Product Description
Full Text Search
 

To Download SRS10150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) - 58 - version: c07 srs1020 - SRS10150 10.0 amps. surface mount schottky barrier rectifiers d 2 pak features  for surface mounted application  ideal for automated pick & place  low power loss, high efficiency  high current capability, low vf  high reliability  epitaxial construction  guard-ring for transient protection mechanical data  cases: d 2 pak molded plastic  epoxy: ul 94v-0 rate flame retardant  terminals: pure tin plated, leads solderable per mil-std-202, method 208 guaranteed  polarity: as marked  high temperature soldering guaranteed: 260 o c/10 seconds at terminals  weight: 1.70grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol srs 1020 srs 1030 srs 1040 srs 1050 srs 1060 srs 1090 srs 10100 srs 10150 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 150 v maximum rms voltage v rms 14 21 28 35 42 63 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 150 v maximum average forward rectified current see fig. 1 i (av) 10 a peak forward sur g e current, 8.3 ms sin g le half sine-wave superimposed on rated load (jedec method ) i fsm 120 a m aximum i nstantaneous f orward v oltage @5a v f 0.55 0.70 0.90 1.00 v 0.5 0.1 maximum d.c. reverse current @ tc=25 o c at rated dc blocking voltage @ tc=100 o c i r 15 10 5.0 ma ma typical junction capacitance (note 2) cj 400 pf typical thermal resistance (note 1) r jc 2.0 o c/w operating junction temperature range t j -65 to +125 -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. thermal resistance from junction to case per leg 2. measured at 1mhz and applied reverse voltage of 4.0v d.c.
ratings and characteristic curves (srs1020 thru SRS10150) fig.2- maximum non-repetitive forward surge current per leg p e a k f o r w a r d s u r g e c u r r e n t . ( a ) 1 2 5 10 20 100 50 50 150 100 200 250 300 number of cycles at 60hz fig.1- forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t . ( a ) 0 50 100 150 0 2.5 5 7.5 10 12.5 o case temperature. ( c) s r s 1 0 2 0 - 1 0 4 0 s r s 1 0 5 0 - 1 0 1 5 0 0 version: c07 fig.4- typical reverse characteristics per leg i n s t a n t a n e o u s r e v e r s e c u r r e n t . ( m a ) 0 20 40 60 80 100 120 140 .001 .01 .10 1.0 10 percent of rated peak reverse volt age. (%) 0 tj=100 c 0 tj=25 c fig.6- typical transient thermal impedance per leg o t r a n s i e n t t h e r m a l i m p e d a n c e . ( c / w ) 1 0.01 0.1 10 100 0.1 10 1 100 t, pulse duration. (sec) fig.5- typical junction capacit ance per leg j u n c t i o n c a p a c i t a n c e . ( p f ) .1 .4 1.0 4 10 40 80 100 100 200 400 600 1000 800 2000 4000 reverse voltage. (v) 0 tj=25 c f=1.0mhzvsig=50mvp-p fig.3- typical forward characteristics per leg i n s t a n t a n e o u s f o r w a r d c u r r e n t . ( a ) .2 .3 .4 .5 .6 .7 .8 .9 1.0 1.1 0.1 1.0 10 50 instantaneous forw ard voltage. (v) sr s1 02 0- 10 40 sr s1 05 0- 10 60 sr s1 09 0- 10 10 0 sr s1 01 50


▲Up To Search▲   

 
Price & Availability of SRS10150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X